Part Number Hot Search : 
FZ1200 0265R 31051 1691A 74ACT3 55301 SCT61110 BR101
Product Description
Full Text Search
 

To Download LTC1605-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTC1605-1/LTC1605-2 Single Supply 16-Bit, 100ksps, Sampling ADCs
FEATURES
s s s s s s s s s
DESCRIPTIO
Sample Rate: 100ksps Complete 16-Bit Solution on a Single 5V Supply Unipolar Input Range: 0V to 4V (LTC1605-1) Bipolar Input Range: 4V (LTC1605-2) Power Dissipation: 55mW Typ Signal-to-Noise Ratio: 86dB Typ Operates with Internal or External Reference Internal Synchronized Clock 28-Pin 0.3" PDIP and SSOP Packages
The LTC (R)1605-1/LTC1605-2 are 100ksps, sampling 16-bit A/D converters that draw only 55mW (typical) from a single 5V supply. These easy-to-use devices include a sample-and-hold, precision reference, switched capacitor successive approximation A/D and trimmed internal clock. The LTC1605-1's input range is 0V to 4V while the LTC1605-2's input range is 4V. An external reference can be used if greater accuracy over temperature is needed. The ADC has a microprocessor compatible, 16-bit or two byte parallel output port. A convert start input and a data ready signal (BUSY) ease connections to FIFOs, DSPs and microprocessors.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
s s s s
Industrial Process Control Multiplexed Data Acquisition Systems High Speed Data Acquisition for PCs Digital Signal Processing
TYPICAL APPLICATIO
LTC1605-1 Low Power, 100kHz, 16-Bit Sampling ADC on 5V Supply
5V 10F 28 27 VDIG VANA 0V TO 4V 200 INPUT 33.2k 4 CAP BUSY 26 BUFFER 2.5V 2.2F AGND1 2 AGND2 5 DGND 14
1605-1/2 TA01
0.1F
1 VIN
4k
6 TO 13 15 TO 22 16-BIT SAMPLING ADC 20k 10k D15 TO D0
INL (LSBs)
16-BIT OR 2 BYTE PARALLEL BUS
2.5V 2.2F
3 REF
4k
2.5V REFERENCE
CONTROL LOGIC AND TIMING
CS 25 R/C 24 BYTE 23
DIGITAL CONTROL SIGNALS
U
Typical INL Curve
2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 0 16384 32768 CODE
1605-1/2 TA02/G04
U
U
49152
65535
1
LTC1605-1/LTC1605-2
ABSOLUTE
(Notes 1, 2)
AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW VIN 1 AGND1 2 REF 3 CAP 4 AGND2 5 D15 (MSB) 6 D14 7 D13 8 D12 9 D11 10 D10 11 D9 12 D8 13 DGND 14 G PACKAGE 28-LEAD PLASTIC SSOP 28 VDIG 27 VANA 26 BUSY 25 CS 24 R/C 23 BYTE 22 D0 21 D1 20 D2 19 D3 18 D4 17 D5 16 D6 15 D7 N PACKAGE 28-LEAD PDIP
VANA .......................................................................... 7V VDIG to VANA ........................................................... 0.3V VDIG ........................................................................... 7V Ground Voltage Difference DGND, AGND1 and AGND2 .............................. 0.3V Analog Inputs (Note 3) VIN ..................................................................... 25V CAP ............................ VANA + 0.3V to AGND2 - 0.3V REF .................................... Indefinite Short to AGND2 Momentary Short to VANA Digital Input Voltage (Note 4) ........ VDGND - 0.3V to 10V Digital Output Voltage ........ VDGND - 0.3V to VDIG + 0.3V Power Dissipation .............................................. 500mW Operating Ambient Temperature Range LTC1605-1C/LTC1605-2C ....................... 0C to 70C LTC1605-1I/LTC1605-2I .................... - 40C to 85C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
ORDER PART NUMBER LTC1605-1CG LTC1605-1IG LTC1605-2CG LTC1605-2IG LTC1605-1CN LTC1605-1IN LTC1605-2CN LTC1605-2IN
TJMAX = 125C, JA = 95C/W (G) TJMAX = 125C, JA = 130C/W (N)
Consult factory for Military grade parts.
CO VERTER CHARACTERISTICS
PARAMETER Resolution No Missing Codes Transition Noise Integral Linearity Error Zero Error Zero Error Drift Full-Scale Error Drift Full-Scale Error Full-Scale Error Drift Power Supply Sensitivity VANA = VDIG = VDD (Note 7) CONDITIONS
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. With external reference (Notes 5, 6).
MIN
q q
TYP
MAX
UNITS Bits Bits
16 15 1 3 10 2 7
LSBRMS LSB mV ppm/C ppm/C 0.50 % ppm/C 8 LSB
q q
Ext. Reference = 2.5V (Note 8)
Ext. Reference = 2.5V (Notes 12, 13) Ext. Reference = 2.5V VDD = 5V 5% (Note 9)
q
2
A ALOG I PUT
SYMBOL VIN PARAMETER
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS 4.75V VANA 5.25V, 4.75V VDIG 5.25V LTC1605-1 LTC1605-2
q q
MIN
TYP 0 to 4 4 10 10
MAX
UNITS V V pF k
Analog Input Range (Note 9)
CIN RIN
Analog Input Capacitance Analog Input Impedance
2
U
W
U
U
WW
W
U
U
U
LTC1605-1/LTC1605-2
DY A IC ACCURACY
SYMBOL S/(N + D) PARAMETER
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Notes 5, 14)
CONDITIONS 1kHz Input Signal (Note 14) 10kHz Input Signal 20kHz, - 60dB Input Signal 1kHz Input Signal, First 5 Harmonics 10kHz Input Signal, First 5 Harmonics 1kHz Input Signal 10kHz Input Signal (Note 15) MIN TYP 87 85 30 - 101 - 92 - 101 - 92 275 40 Sufficient to Meet AC Specs Full-Scale Step (Note 9) (Note 16) 150 2 s ns MAX UNITS dB dB dB dB dB dB dB kHz ns Signal-to-(Noise + Distortion) Ratio
THD
I TER AL REFERE CE CHARACTERISTICS
PARAMETER VREF Output Voltage VREF Output Tempco Internal Reference Source Current External Reference Voltage for Specified Linearity External Reference Current Drain CAP Output Voltage (Notes 9, 10) Ext. Reference = 2.5V (Note 9) IOUT = 0 CONDITIONS IOUT = 0 IOUT = 0
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
MIN
q
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL VIH VIL IIN CIN VOH VOL IOZ COZ ISOURCE ISINK PARAMETER High Level Input Voltage Low Level Input Voltage Digital Input Current Digital Input Capacitance High Level Output Voltage Low Level Output Voltage Hi-Z Output Leakage D15 to D0 Hi-Z Output Capacitance D15 to D0 Output Source Current Output Sink Current VDD = 4.75V VDD = 4.75V VOUT = 0V to VDD, CS High CS High (Note 9) VOUT = 0V VOUT = VDD CONDITIONS VDD = 5.25V VDD = 4.75V VIN = 0V to VDD
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
MIN
q q q
U
U
U
WU
U
Total Harmonic Distortion Peak Harmonic or Spurious Noise Full-Power Bandwidth Aperture Delay Aperture Jitter Transient Response Overvoltage Recovery
U
TYP 2.500 5 1
MAX 2.520
UNITS V ppm/C A
2.470
2.30
q
2.50 2.50
2.70 100
V A V
TYP
MAX 0.8 10
UNITS V V A pF V V V
2.4
5 IO = -10A IO = - 200A IO = 160A IO = 1.6mA
q q q q
4.5 4.0 0.05 0.10 0.4 10 15 -10 10
V A pF mA mA
3
LTC1605-1/LTC1605-2
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
SYMBOL fSAMPLE(MAX) tCONV tACQ t1 t2 t3 t4 t5 t6 t7 t8 t9 t10 t11 t12 PARAMETER Maximum Sampling Frequency Conversion Time Acquisition Time Convert Pulse Width Data Valid Delay After R/C BUSY Delay from R/C BUSY Low BUSY Delay After End of Conversion Aperture Delay Bus Relinquish Time BUSY Delay After Data Valid Previous Data Valid After R/C R/C to CS Setup Time Time Between Conversions Bus Access and Byte Delay (Notes 9, 10) (Notes 9, 10) 10 10 10 83
q q
TI I G CHARACTERISTICS
POWER REQUIRE E TS
SYMBOL VDD IDD PDIS PARAMETER Positive Supply Voltage Positive Supply Current Power Dissipation
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS (Notes 9, 10)
q
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All voltage values are with respect to ground with DGND, AGND1 and AGND2 wired together (unless otherwise noted). Note 3: When these pin voltages are taken below ground or above VANA = VDIG = VDD, they will be clamped by internal diodes. This product can handle input currents of greater than 100mA below ground or above VDD without latch-up. Note 4: When these pin voltages are taken below ground, they will be clamped by internal diodes. This product can handle input currents of 90mA below ground without latchup. These pins are not clamped to VDD. Note 5: VDD = 5V, fSAMPLE = 100kHz, tr = tf = 5ns unless otherwise specified. Note 6: Linearity, offset and full-scale specifications apply for a VIN input with respect to ground. Note 7: Integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual end points of the transfer curve. The deviation is measured from the center of the quantization band. Note 8: Zero error for the LTC1605-1 is the voltage measured from 0.5LSB when the output code flickers between 0000 0000 0000 0000 and 0000 0000 0000 0001. Zero error for the LTC1605-2 is the voltage measured from - 0.5LSB when the output code flickers between 0000 0000 0000 0000 and 1111 1111 1111 1111.
4
UW
UW
CONDITIONS
q q q
MIN 100
TYP
MAX 8 2
UNITS kHz s s ns s ns s ns ns
(Note 11) (Note 9) CL = 50pF
q q q
40 8 65 8 220 40 10 50 35 200 7.4 83
ns ns s ns s ns
MIN 4.75
TYP 11 55
MAX 5.25 16 80
UNITS V mA mW
Note 9: Guaranteed by design, not subject to test. Note 10: Recommended operating conditions. Note 11: With CS low the falling R/C edge starts a conversion. If R/C returns high at a critical point during the conversion it can create small errors. For best results ensure that R/C returns high within 3s after the start of the conversion. Note 12: As measured with fixed resistors shown in Figure 4. Adjustable to zero with external potentiometer. Note 13: Full-scale error is the untrimmed deviation from ideal last code transition, divided by the full-scale range and includes the effect of offset error. Note 14: All specifications in dB are referred to a full-scale 4V input for the LTC1605-1 and to 4V input for the LTC1605-2. Note 15: Full-power bandwidth is defined as full-scale input frequency at which a signal-to-(noise + distortion) degrades to 60dB or 10 bits of accuracy. Note 16: Recovers to specified performance after (20V) input overvoltage for the LTC1605-1 and 15V for the LTC1605-2.
LTC1605-1/LTC1605-2 TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
12.5 fSAMPLE = 100kHz 12.0 fSAMPLE = 100kHz
POWER SUPPLY CURRENT (mA)
CHANGE IN CAP VOLTAGE (V)
12.0
SUPPLY CURRENT (mA)
11.5 11.0 10.5 10.0 9.5 4.50
4.75
5.00
5.25
SUPPLY VOLTAGE (V)
1605-1/2 G01
Typical INL Curve
2.0 1.5 1.0 2.0 1.5 1.0
POWER SUPPLY FEEDTHROUGH (dB)
INL (LSBs)
0 -0.5 -1.0 -1.5 -2.0 0 16384 32768 CODE
1605-1/2 TA02/G04
DNL (LSB)
0.5
49152
LTC1605-2 Nonaveraged 4096-Point FFT Plot
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130
88
TOTAL HARMONIC DISTORTION (dB)
MAGNITUDE (dB)
SINAD (dB)
fSAMPLE = 100kHz fIN = 1kHz SINAD = 87dB THD = 101.1dB SNR = 87.2dB
0
5
10 15 20 25 30 35 40 45 50 FREQUENCY (kHz)
1605-1/2 G07/F11
UW
Supply Current vs Temperature
0.04 0.02 0 -0.02 -0.04
Change in CAP Voltage vs Load Current
11.5
11.0
LTC1605-2 -0.06 -0.08 LTC1605-1 0 10
10.5
5.50
10.0 -50
-25
0 25 50 TEMPERATURE (C)
75
100
-0.10 -80 -70 -60 -50 -40 -30 -20 -10 LOAD CURRENT (mA)
1605-1/2 G02
1605-1/2 G03
Typical DNL Curve
-20 -30 -40 -50 -60
Power Supply Feedthrough vs Ripple Frequency
0.5 0 -0.5 -1.0 -1.5 -2.0
LTC1605-2
LTC1605-1 -70 -80 100
65535
0
16384
32768 CODE
49152
65535
1605-1/2 G05
10k 100k 1k RIPPLE FREQUENCY (Hz)
1M
LTXXXX GXX
SINAD vs Input Frequency (LTC1605-2)
90 -70
Total Harmonic Distortion vs Input Frequency (LTC1605-2)
-80
86
-90
84
82
-100
80 1 10 INPUT FREQUENCY (kHz) 100
1605-1/2 G08
-110 1 10 INPUT FREQUENCY (kHz) 100
1605-1/2 G09
5
LTC1605-1/LTC1605-2
PIN FUNCTIONS
VIN (Pin 1): Analog Input. Connect through a 200 resistor to the analog input. Full-scale input range is 0V to 4V for the LTC1605-1 and 4V for the LTC1605-2. AGND1 (Pin 2): Analog Ground. Tie to analog ground plane. REF (Pin 3): 2.5V Reference Output. Bypass with 2.2F tantalum capacitor. Can be driven with an external reference. CAP (Pin 4): Reference Buffer Output. Bypass with 2.2F tantalum capacitor. AGND2 (Pin 5): Analog Ground. Tie to analog ground plane. D15 to D8 (Pins 6 to 13): Three-State Data Outputs. Hi-Z state when CS is high or when R/C is low. DGND (Pin 14): Digital Ground. D7 to D0 (Pins 15 to 22): Three-State Data Outputs. Hi-Z state when CS is high or when R/C is low. BYTE (Pin 23): Byte Select. With BYTE low, data will be output with Pin 6 (D15) being the MSB and Pin 22 (D0) being the LSB. With BYTE high the upper eight bits and the lower eight bits will be switched. The MSB is output on Pin 15 and bit 8 is output on Pin 22. Bit 7 is output on Pin 6 and the LSB is output on Pin 13. R/C (Pin 24): Read/Convert Input. With CS low, a falling edge on R/C puts the internal sample-and-hold into the hold state and starts a conversion. With CS low, a rising edge on R/C enables the output data bits. CS (Pin 25): Chip Select. Internally OR'd with R/C. With R/C low, a falling edge on CS will initiate a conversion. With R/C high, a falling edge on CS will enable the output data. BUSY (Pin 26): Output Shows Converter Status. It is low when a conversion is in progress. Data valid on the rising edge of BUSY. CS or R/C must be high when BUSY rises or another conversion will start without time for signal acquisition. VANA (Pin 27): 5V Analog Supply. Bypass to ground with a 0.1F ceramic and a 10F tantalum capacitor. VDIG (Pin 28): 5V Digital Supply. Connect directly to Pin 27.
FU CTIO AL BLOCK DIAGRA
4k 6K* VIN 10k OPEN* 20k 3.75k*
4k REF 2.5V REF
REF BUF
16-BIT CAPACITIVE DAC
CAP (2.5V) AGND1 AGND2 DGND INTERNAL CLOCK
SUCCESSIVE APPROXIMATION REGISTER
*RESISTOR VALUES FOR THE LTC1605-2
6
W
U
U
U
U
U
CSAMPLE
CSAMPLE ZEROING SWITCHES
VANA VDIG
+
COMP
-
16 OUTPUT LATCHES
* * *
D15 D0
CONTROL LOGIC
1605-1/2 BD
CS
R/C
BYTE
BUSY
LTC1605-1/LTC1605-2
TEST CIRCUITS
Load Circuit for Access Timing
5V 1k DBN 1k CL DBN CL
1605-1/2 TC01
Load Circuit for Output Float Delay
5V 1k DBN 1k 50pF DBN 50pF
1605-1/2 TC02
A. HI-Z TO VOH AND VOL TO VOH
B. HI-Z TO VOL AND VOH TO VOL
A. VOH TO HI-Z
B. VOL TO HI-Z
APPLICATIONS INFORMATION
Conversion Details The LTC1605-1/LTC1605-2 use a successive approximation algorithm and an internal sample-and-hold circuit to convert an analog signal to a 16-bit or two byte parallel output. The ADC is complete with a precision reference and an internal clock. The control logic provides easy interface to microprocessors and DSPs. (Please refer to the Digital Interface section for the data format.) Conversion start is controlled by the CS and R/C inputs. At the start of conversion, the successive approximation register (SAR) is reset. Once a conversion cycle has begun, it cannot be restarted. During the conversion, the internal 16-bit capacitive DAC output is sequenced by the SAR from the most significant bit (MSB) to the least significant bit (LSB). Referring to Figure 1, VIN is connected through the resistor divider and S1 to the sample-and-hold capacitor during the acquire phase and the comparator offset is nulled by the
SAMPLE S1 SAMPLE HOLD S2 CDAC DAC VDAC S A R CSAMPLE S3
RIN1 VIN RIN2
- +
COMPARATOR
Figure 1. LTC1605-1/LTC1605-2 Simplified Equivalent Circuit
U
W
U
U
autozero switch, S3. In this acquire phase, a minimum delay of 2s will provide enough time for the sample-andhold capacitor to acquire the analog signal. During the convert phase, S3 opens, putting the comparator into the compare mode. The input switch S2 switches CSAMPLE to ground, injecting the analog input charge onto the summing junction. This input charge is successively compared with the binary-weighted charges supplied by the capacitive DAC. Bit decisions are made by the high speed comparator. At the end of a conversion, the DAC output balances the VIN input charge. The SAR contents (a 16bit data word) that represents the VIN are loaded into the 16-bit output latches. Driving the Analog Inputs The nominal input range for the LTC1605-1 is 0V to 4V or (1.6VREF) and for the LTC1605-2 the input range is 4V or (1.6VREF). The inputs are overvoltage protected to 25V. The input impedance is typically 10k; therefore, it should be driven by a low impedance source. Wideband noise coupling into the input can be minimized by placing a 1000pF capacitor at the input as shown in Figure 2. An NPO-type capacitor gives the lowest distortion. Place the capacitor as close to the device input pin as possible. If an amplifier is to be used to drive the input, care should be taken to select an amplifier with adequate accuracy, linearity and noise for the application. The following list is a summary of the op amps that are suitable for driving the LTC1605-1/LTC1605-2. More detailed information is available in the Linear Technology data books and LinearViewTM CD-ROM.
LinearView is a trademark of Linear Technology Corporation
16-BIT LATCH
1605-1/2 F01
7
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
LT(R)1007 - Low noise precision amplifier. 2.7mA supply current 5V to 15V supplies. Gain bandwidth product 8MHz. DC applications. LT1097 - Low cost, low power precision amplifier. 300A supply current. 5V to 15V supplies. Gain bandwidth product 0.7MHz. DC applications. LT1227 - 140MHz video current feedback amplifier. 10mA supply current. 5V to 15V supplies. Low noise and low distortion. LT1360 - 37MHz voltage feedback amplifier. 3.8mA supply current. 5V to 15V supplies. Good AC/DC specs. LT1363 - 50MHz voltage feedback amplifier. 6.3mA supply current. Good AC/DC specs. LT1364/LT1365 - Dual and quad 50MHz voltage feedback amplifiers. 6.3mA supply current per amplifier. Good AC/DC specs. LT1468 - 90MHz, 22V/s 16-Bit Accurate Amplifier
AIN 200 VIN 1000pF 33.2k CAP
1605-1/2 F02
Figure 2. Analog Input Filtering
Internal Voltage Reference The LTC1605-1/LTC1605-2 has an on-chip, temperature compensated, curvature corrected, bandgap reference, which is factory trimmed to 2.50V. The full-scale range of the ADC is equal to (1.6VREF) or nominally 0V to 4V for the LTC1605-1 and (1.6VREF) or nominally 4V for the LTC1605-2. The output of the reference is connected to the input of a unity-gain buffer through a 4k resistor (see Figure 3). The input to the buffer or the output of the reference is available at REF (Pin 3). The internal reference can be overdriven with an external reference if more accuracy is needed. The buffer output drives the internal DAC and is available at CAP (Pin 4). The CAP pin can be used to drive a steady DC load of less than 2mA. Driving an AC load is not recommended because it can cause the performance of the converter to degrade.
8
U
W
U
U
For minimum code transition noise the REF pin and the CAP pin should each be decoupled with a capacitor to filter wideband noise from the reference and the buffer (2.2F tantalum). Offset and Gain Adjustments The LTC1605-1/LTC1605-2 offset and full-scale errors have been trimmed at the factory with the external resistors shown in Figure 4. This allows for external adjustment of offset and full scale in applications where absolute accuracy is important. See Figure 5 for the offset and gain trim circuit for the LTC1605-1/LTC1605-2. First adjust the offset to zero by adjusting resistor R3. Apply an input voltage of 30.5V (0.5LSB) and adjust R3 so the code is changing between 0000 0000 0000 0001 and 0000 0000 0000 0000. The gain error is trimmed by adjusting resistor R4. An input voltage of 3.999908V (FS - 1.5LSB) is applied to VIN and R4 is adjusted until the output code is changing between 1111 1111 1111 1110 and 1111 1111 1111 1111. Figure 6a shows the unipolar transfer characteristic of the LTC1605-1. For the LTC1605-2, first adjust the offset to zero by adjusting resistor R3. Apply an input voltage of - 61V (- 0.5LSB) and adjust R3 so the code is changing between 1111 1111 1111 1111 and 0000 0000 0000 0000. The gain error is trimmed by adjusting resistor R4. An input voltage of 3.999817V (+ FS - 1.5LSB) is applied to VIN and R4 is adjusted until the outut code is changing between 0111 1111 1111 1110 and 0111 1111 1111 1111. Figure 6b shows the bipolar transfer characteristics of the LTC1605-2. DC Performance One way of measuring the transition noise associated with a high resolution ADC is to use a technique where a DC signal is applied to the input of the ADC and the resulting output codes are collected over a large number of conversions. For example, in Figure 7 the distribution of output code is shown for a DC input that has been digitized 10000 times. The distribution is Gaussian and the RMS code transition is about 1LSB.
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
REF (2.5V) 2.2F 3
S
4k VANA
BANDGAP REFERENCE
+ -
OUTPUT CODE
CAP (2.5V) 2.2F
4
S
INTERNAL CAPACITOR DAC
1605-1/2 F03
Figure 3. Internal or External Reference Source
0V TO 4V OR 4V INPUT
1 200 1% 33.2k 1% 2 2.2F 3 4 5
VIN AGND1
OUTPUT CODE
LTC1605-1 LTC1605-2 REF CAP AGND2
+
2.2F
1605-1/2 F04
Figure 4. 0V to 4V Input for the LTC1605-1 and 4V for the LTC1605-2 Without Trim
0V TO 4V OR 4V INPUT 200 1% 2.2F 33.2k 1% 5V GAIN TRIM R4 50k OFFSET TRIM R3 50k
1 2
VIN AGND1 LTC1605-1 LTC1605-2 REF
3 576k 4 2.2F 5
COUNT
+
CAP AGND2
1605-1/2 F05
Figure 5. 0V to 4V Input for the LTC1605-1 and 4V for the LTC1605-2 with Offset and Gain Trim
U
W
+
+
U
U
111...111 111...110
UNIPOLAR ZERO
000...001 000...000 0V 1 LSB
FS = 4V 1LSB = FS/65536 FS - 1LSB INPUT VOLTAGE (V)
1605-1/2 F06a
Figure 6a. LTC1605-1 Unipolar Transfer Characteristics
011...111 011...110 BIPOLAR ZERO
000...001 000...000 111...111 111...110
100...001 100...000 - FS/2
FS = 8V 1LSB = FS/65536 -1 0V 1 LSB LSB INPUT VOLTAGE (V) FS/2 - 1LSB
1605-1/2 F06b
Figure 6B. LTC1605-2 Bipolar Transfer Characteristics
4500 4000 3500 3000 2500 2000 1500 1000 500 0 -5 -4 -3 -2 -1 0 1 CODE 2 3 4 5
1605-1/2 F07
Figure 7. Histogram for 10000 Conversions
9
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
DIGITAL INTERFACE Internal Clock The ADC has an internal clock that is trimmed to achieve a typical conversion time of 7s. No external adjustments are required and, with the typical acquisition time of 1s, throughput performance of 100ksps is assured. Timing and Control Conversion start and data read are controlled by two digital inputs: CS and R/C. To start a conversion and put the sample-and-hold into the hold mode, bring CS and R/C low for no less than 40ns. Once initiated, it cannot be restarted until the conversion is complete. Converter status is indicated by the BUSY output and this is low while the conversion is in progress. There are two modes of operation. The first mode is shown in Figure 8. The digital input R/C is used to control the start of conversion. CS is tied low. When R/C goes low, the sample-and-hold goes into the hold mode and a conversion is started. BUSY goes low and stays low during the conversion and will go back high after the conversion has been completed and the internal output shift registers have been updated. R/C should remain low for no less than 40ns. During the time R/C is low, the
t1 R/C t 11 t2 BUSY t6 MODE ACQUIRE CONVERT t CONV t9 DATA MODE PREVIOUS DATA VALID t7 HI-Z PREVIOUS DATA VALID NOT VALID t8 DATA VALID HI-Z DATA VALID
1605-1/2 F08
t3
Figure 8. Conversion Timing with Outputs Enabled After Conversion (CS Tied Low)
10
U
W
U
U
digital outputs are in a Hi-Z state. R/C should be brought back high within 3s after the start of the conversion to ensure that no errors occur in the digitized result. The second mode, shown in Figure 9, uses the CS signal to control the start of a conversion and the reading of the digital output. In this mode, the R/C input signal should be brought low no less than 10ns before the falling edge of CS. The minimum pulse width for CS is 40ns. When CS falls, BUSY goes low and will stay low until the end of the conversion. BUSY will go high after the conversion has been completed. The new data is valid when CS is brought back low again to initiate a read. Again, it is recommended that both R/C and CS return high within 3s after the start of the conversion. Output Data The output data can be read as a 16-bit word or it can be read as two 8-bit bytes. The format of the output data is straight binary for the LTC1605-1 and two's complement for the LTC1605-2. The digital input pin BYTE is used to control the two byte read. With the BYTE pin low, the first eight MSBs are output on the D15 to D8 pins and the eight LSBs are output on the D7 to D0 pins. When the BYTE pin is taken high, the eight LSBs replace the eight MSBs (Figure 10).
t4
t5 ACQUIRE t ACQ CONVERT
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
t 10 R/C t 10 t 10 t 10
t1 CS
t3 BUSY t6 MODE ACQUIRE CONVERT t CONV HI-Z
DATA BUS
Figure 9. Using CS to Control Conversion and Read Timing
t 10 R/C
CS
BYTE
PINS 6 TO 13
HI-Z
HIGH BYTE t 12 t 12 LOW BYTE
PINS 15 TO 22
HI-Z
Figure 10. Using CS and BYTE to Control Data Bus Read Timing
U
W
U
U
t1
t4
ACQUIRE
DATA VALID t 12 t7
HI-Z
1605-1/2 F09
t 10
LOW BYTE t7 HIGH BYTE
HI-Z
HI-Z
1605-1/2 F10
11
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
Dynamic Performance FFT (Fast Fourier Transform) test techniques are used to test the ADC's frequency response, distortion and noise at the rated throughput. By applying a low distortion sine wave and analyzing the digital output using an FFT algorithm, the ADC's spectral content can be examined for frequencies outside the fundamental. Figure 11 shows a typical LTC1605-2 FFT plot which yields a SINAD of 87dB and THD of -101.1dB. Signal-to-Noise Ratio The Signal-to-Noise and Distortion Ratio (SINAD) is the ratio between the RMS amplitude of the fundamental input frequency to the RMS amplitude of all other frequency components at the A/D output. The output is band limited to frequencies from above DC and below half the sampling frequency. Figure 11 shows a typical SINAD of 87dB with a 100kHz sampling rate and a 1kHz input.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 fSAMPLE = 100kHz fIN = 1kHz SINAD = 87dB THD = 101.1dB SNR = 87.2dB
MAGNITUDE (dB)
0
5
10 15 20 25 30 35 40 45 50 FREQUENCY (kHz)
1605-1/2 G07/F11
Figure 11. LTC1605-2 Nonaveraged 4096-Point FFT Plot
Total Harmonic Distortion Total Harmonic Distortion (THD) is the ratio of the RMS sum of all harmonics of the input signal to the fundamental itself. The out-of-band harmonics alias into the frequency band between DC and half the sampling frequency. THD is expressed as:
THD = 20log
V22 + V32 + V42 ... + VN2 V1
12
U
W
U
U
where V1 is the RMS amplitude of the fundamental frequency and V2 through VN are the amplitudes of the second through Nth harmonics. Board Layout, Power Supplies and Decoupling Wire wrap boards are not recommended for high resolution or high speed A/D converters. To obtain the best performance from the LTC1605-1/LTC1605-2, a printed circuit board is required. Layout for the printed circuit board should ensure the digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track or underneath the ADC. The analog input should be screened by AGND. Figures 12 through 15 show a layout for a suggested evaluation circuit which will help obtain the best performance from the 16-bit ADC. Additional information regarding the evaluation circuit and Gerber files for the PC board layout are available from Linear Technology or your local sales office. Pay particular attention to the design of the analog and digital ground planes. The DGND pin of the LTC1605-1/LTC1605-2 can be tied to the analog ground plane. Placing the bypass capacitor as close as possible to the power supply, the reference and reference buffer output is very important. Low impedance common returns for these bypass capacitors are essential to low noise operation of the ADC, and the PC track width for these lines should be as wide as possible. Also, since any potential difference in grounds between the signal source and ADC appears as an error voltage in series with the input signal, attention should be paid to reducing the ground circuit impedance as much as possible. The digital output latches and the onboard sampling clock have been placed on the digital ground plane. The two ground planes are tied together at the power supply ground connection.
LTC1605-1/LTC1605-2
APPLICATIONS INFORMATION
Figure 12. Component Side Silkscreen for the Suggested LTC1605-1/LTC1605-2 Evaluation Circuit
ANALOG GROUND PLANE
DIGITAL GROUND PLANE
Figure 13. Bottom Side Showing Analog Ground Plane
U
W
U
U
ANALOG GROUND PLANE
Figure 14. Component Side Showing Separate Analog and Digital Ground Plane
13
R15, 1.2k D15 D14 D13 D12 D11 D10 D9 D8 1 2 3 4 5 6 7 8 2 9 1 U4A 74HC04 CLK U3 74HC574 D0 D1 16 D6 17 D5 18 D4 19 D3 20 D2 D2 4 13 C8 0.1F D1 D0 21 D1 R6, 1.2k 22 D0 R5, 1.2k R4, 1.2k U4B 74HC04 3 4 R20 1K C1 15PF U4C 74HC04 5 6 R3, 1.2k R2, 1.2k R1, 1.2k R0, 1.2k D2 D3 D4 D5 D6 D7 1 11 2 3 4 5 6 7 8 9 D0 D1 D2 D3 D4 D5 D6 D7 OC CLK R7, 1.2k D7 D6 D5 D4 D3 D2 D1 D0
1605-1/2 F15
GND E2 R9, 1.2k U1 LTC1605-1 LTC1605-2 U2 74HC574 6 D15 D0 D1 D2 D3 D4 D5 D6 D7 Q7 OC 12 Q6 13 Q5 14 Q4 15 Q3 16 Q2 17 Q1 18 Q0 D14 D14 D13 D11 9 D10 D9 5 AGND2 D11 D8 1 11 12 D9 13 D8 15 D7 9 D10 D9 D8 D7 D6 D5 D4 D3 11 D10 DGND BYTE R/C CS BUSY VANA VDIG C5 0.1F 14 23 24 25 REVERSE 3 BYTE NORNAL 1 VKK 28 27 JP4 2 26 10 D11 8 7 D12 6 D12 8 D13 D12 5 7 D13 4 D14 3 D15 2 19 R8, 1.2k 1 VIN AGND1 REF CAP D15 C16 1000pF 2 3 EXT VREF INT 4 C4 2.2F C2 2.2F C17 10F C3 0.1F JP1 R19 33.2k 1%
AIN 8 7 6 5
J2
1
R18 200 1%
D15 D14 D13 D12 D11 D10 D9 D8 D7 10 11 12 13 D6 D5 D4 D3 JP2 LED ENABLE
2
VKK
1
NC1
NC2
2
INPUT HEATER
W
14 D2 15 D1 16 D0 17 D15 18 CLK 19 GND 20 GND
LTC1605-1/LTC1605-2
3
TEMP
OUT
4
GND
TRIM
U9 LT1019-2.5
APPLICATIONS INFORMATION
VCC
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
19 18 17 16 15 14 13 12
U4D 74HC04
EXT_CLK 1 J1 C7 10F JP3 2 1 A B 3 CLK CEXT 15 RCEXT VCC VCC 3 CS GND 1 JP5 2 R21, 2k Q Q 2 U6A 74HC221
9
8
U4E 74HC04 11 10
2
R17 51
VCC
U8 1MHz, OSC
U7 74HC160
EXT 3
1
NA
1
CLK
CLR
9
LOAD
INT 1 VCC
2
GND
OUT
3
2
CLK
10
ENT
7
ENP
RCO
15
6
D
QD
11
5
C
QC
12
4
B
QB
13
3
A
QA
14
Figure 15. LTC1605-1 Suggested Evaluation Circuit Schematic
U
U
U
14
DIGITAL I.C. BYPASSING VKK R16 20 C9 0.1F C11 0.1F R12, 1.2k R11, 1.2k R10, 1.2k C12 0.1F C10 0.1F C13 0.1F C14 0.1F C15 10F R13, 1.2k VCC VDD VCC R14, 1.2k C6 22F 10V
VIN 7V TO 15V 1 E1 VIN
3
VIN U5 LT1121 GND 2
D16 MBR0520
+
LTC1605-1/LTC1605-2
TYPICAL APPLICATIO S
The circuit in Figure 16 is an example showing the LTC1605 16-bit A/D converter and LTC1391 8-channel MUX connected to a 68HC11 controller. The LTC1605's 16-bit data output is read in two 8-bit bytes using Pins 6 (MSB, Bit7) through 13 (Bit8, Bit0), connected to the HC11's PORTC. The MUX's 4-bit serial address data is sent using the controller's SPI. The process to convert a channel's input signal is shown in sample listing A. It begins with shifting in the MUX's channel data while the SS signal is a logic high. The MUX channel address is latched on the falling edge of SS and the
Sample Listing A
************************************************************************* * * * This example program selects the an LTC1391 MUX channel, initiates a * * conversion, and retrieves conversion data. It stores the 16-bit data * * in two consecutive memory locations. The program is designed for use * * with the LTC1605's /CS tied to ground (see timing diagram in * * Figure 17). * * * ************************************************************************* * ***************************************** * 68HC11 register definitions * ***************************************** * PORTA EQU $1000 Parallel port A * Use Bit0 as an input for the LTC1605's /BUSY signal * Use Bit3 as an output driving the LTC1605's BYTE * input PIOC EQU $1002 Parallel I/O control register * "STAF,STAI,CWOM,HNDS, OIN, PLS, EGA,INVB" PORTC EQU $1003 Port C data register * "Bit7,Bit6,Bit5,Bit4,Bit3,Bit2,Bit1,Bit0" DDRC EQU $1007 Port D data direction register * "Bit7,Bit6,Bit5,Bit4,Bit3,Bit2,Bit1,Bit0" * 1 = output, 0 = input PORTD EQU $1008 Port D data register * " - , - , SS* ,CSK ;MOSI,MISO,TxD ,RxD " DDRD EQU $1009 Port D data direction register SPCR EQU $1028 SPI control register * "SPIE,SPE ,DWOM,MSTR;SPOL,CPHA,SPR1,SPR0" SPSR EQU $1029 SPI status register * "SPIF,WCOL, - ,MODF; - , - , - , - " SPDR EQU $102A SPI data register; Read-Buffer; Write-Shifter * * RAM variables to hold the LTC1605's 14 conversion result * DIN1 EQU $00 This memory location holds the LTC1605's bits 15 - 08 DIN2 EQU $01 This memory location holds the LTC1605's bits 07 - 00 MUX EQU $02 This memory location holds the MUX address data *
U
chosen channel's input is applied at the LTC1605's input, Pin 1. Through the processor's PORTA, a low-going pulse is applied to the LTC1605's R/C pin, initiating a conversion. The processor then monitors the BUSY output. When this signal becomes a logic high, signaling the end of conversion, the processor reads the high byte of the conversion through PORTC. The low byte is read through PORTC when the processor changes the BYTE signal to a logic high. The timing relationship of the control signals and data are shown in Figure 17.
15
LTC1605-1/LTC1605-2
TYPICAL APPLICATIO S
***************************************** * Start GETDATA Routine * ***************************************** * ORG $C000 Program start location INIT1 LDAA #$03 0,0,0,0,0,0,1,1 * "STAF=0,STAI=0,CWOM=0,HNDS=0, OIN=0, PLS=0, EGA=1,INVB=1" STAA PIOC Ensures that the PIOC register's status is the same * as after a reset, necessary of simple Port D manipulation LDAA #$00 0,0,0,0,0,0,0,0 * "Bits 7 - 0 are used as inputs for the LTC1605's data STAA DDRC Direction of PortD's bit are now set as inputs LDAA #$2F -,-,1,0;1,1,1,1 * -, -, SS*-Hi, SCK-Lo, MOSI-Hi, MISO-Hi, X, X STAA PORTD Keeps SS* a logic high when DDRD, Bit5 is set LDAA #$38 -,-,1,1;1,0,0,0 STAA DDRD SS* , SCK, MOSI are configured as Outputs * MISO, TxD, RxD are configured as Inputs * DDRD's Bit5 is a 1 so that port D's SS* pin is a general output LDAA #$50 STAA SPCR The SPI is configured as Master, CPHA = 0, CPOL = 0 * and the clock rate is E/2 * (This assumes an E-Clock frequency of 4MHz. For higher * E-Clock frequencies, change the above value of $50 to a * value that ensures the SCK frequency is 2MHz or less.) GETDATAPSHX PSHY PSHA * ***************************************** * Setup indecies * ***************************************** * LDX #$0 The X register is used as a pointer to the memory * locations that hold the conversion data LDY #$1000 * ***************************************** * Ensure that a logic high is applied * * to the LTC1391's /CS and the * * LTC1605's R/C pins * ***************************************** * BSET PORTD,Y %00100000 This sets the SS* output bit to a logic * high, ensuring that the LTC1391's CS* * input is a logic high while clocking * MUX address data into the LTC1391 BSET PORTA,Y %00010000 This sets the R/C* output bit to a logic * high, ensuring that the LTC1605's R/C* * input is a logic high before initiating * a conversion *****************************************
16
U
LTC1605-1/LTC1605-2
TYPICAL APPLICATIO S
* Retrieve the MUX address from memory * * and send it to the LTC1391 * ***************************************** * LDAA MUX Retrieve the MUX address from memory ORAA #$08 Enable the selected MUX address STAA SPDR Select the MUX channel WAIT1 LDAA SPSR This loop waits for the SPI to complete a serial * transfer/exchange by reading the SPI Status Register BPL WAIT1 The SPIF (SPI transfer complete flag) bit is the SPSR's * MSB and is set to one at the end of an SPI transfer. The * branch will occur while SPIF is a zero. BCLR PORTD,Y %00100000 This forces a logic low on PORTD's SS*, * latching the MUXes data * ***************************************** * Initiate a LTC1605 conversion * ***************************************** * BCLR BSET PORTA,Y %00010000 PORTA,Y %00010000 Initiate a conversion This sets the LTC1605's R/C* to a logic high
* * ***************************************** * Set the LTC1605's BYTE input low to * * ensure that the high byte is present * * during the first read * ***************************************** * LDAA PORTA Get the contents of Port A ANDA #%11110111 Set Bit3 low STAA PORTA Set the LTC1605's BYTE input low * ***************************************** * The next short loop ensures that the * * LTC1605's conversion is finished * * before starting the data transfer* ***************************************** * CONVENDLDAA PORTA Retrieve the contents of port A ANDA #%00000001 Look at Bit0 * Bit0 = Lo; the LTC1605's conversion is not * complete * Bit0 = Hi; the LTC1605's conversion is complete BEQ CONVEND Branch to the loop's beginning while Bit7 * remains low *
U
17
LTC1605-1/LTC1605-2
TYPICAL APPLICATIO S
************************************************************************* * This routine retrieves the LTC1605's 16-bit data using two 8-bit * * reads. The BYTE input is manipulated through Port A's Bit3. During * * the first read when BYTE is low, the upper byte is read and stored in * DIN1.During the second read when BYTE is high, the lower byte is * * read and stored in DIN2. * ************************************************************************* * LDAA PORTC Retrieve the LTC1605's high byte STAA DIN1 Store the high byte LDAA PORTA Get the contents of Port A ORAA #%00001000 Set Bit3 high STAA PORTA Set the LTC1605's BYTE input high LDAA PORTC Retrieve the LTC1605's low byte STAA DIN2 Store the high byte PULA Restore the A register PULY Restore the Y register PULX Restore the X register RTS *
5V LTC1391 1 2 3 4 5 6 7 8 S0 S1 S2 S3 S4 S5 S6 S7 V+ D 16 15 5V 0.1F 2 3 0.1F 5V 0.1F 8 1 200 1% 33.2k 1% 4 LTC1605-1 LTC1605-2 1 VIN 28 VDIG 27 VANA 6 D7/D15 7 D6/D14 8 D5/D13 9 D4/D12 10 D3/D11 11 D2/D10 12 D1/D9 13 D0/D8 18 17 16 15 26 5V 10F 1F
14 V- DOUT DIN CS DLK DGND 13 12 11 10 9 M0S1 SS CLK SPI
USE FOR LTC1605-2
Figure 16. 8-Channel, 16-Bit Data Acquisition System with Interface to the 68HC11
18
U
+ -
1/2 LT1630 4
PORTC, BIT7 PORTC, BIT6 PORTC, BIT5 PORTC, BIT4 PORTC, BIT3 PORTC, BIT2 PORTC, BIT1 PORTC, BIT0
+
2.2F -5V SUPPLY FOR LTC1605-2 2.2F 5
CAP AGND2 REF AGND1
+
3 2
22 21 20 19 14
DGND
BUSY CS
25 24 R/C 23 BYTE
1605-1/2 F16
PORTA, BIT0 PORTA, BIT4 PORTA, BIT3
LTC1605-1/LTC1605-2
PACKAGE DESCRIPTION
5.20 - 5.38** (0.205 - 0.212)
0.13 - 0.22 (0.005 - 0.009)
0.55 - 0.95 (0.022 - 0.037)
NOTE: DIMENSIONS ARE IN MILLIMETERS *DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.152mm (0.006") PER SIDE **DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
0.300 - 0.325 (7.620 - 8.255)
0.020 (0.508) MIN 0.009 - 0.015 (0.229 - 0.381)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
)
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Dimensions in inches (millimeters) unless otherwise noted. G Package 28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
10.07 - 10.33* (0.397 - 0.407) 28 27 26 25 24 23 22 21 20 19 18 17 16 15
7.65 - 7.90 (0.301 - 0.311)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 1.73 - 1.99 (0.068 - 0.078)
0 - 8
0.65 (0.0256) BSC
0.25 - 0.38 (0.010 - 0.015)
0.05 - 0.21 (0.002 - 0.008)
G28 SSOP 1098
N Package 28-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
1.370* (34.789) MAX 28 27 26 25 24 23 22 21 20 19 18 17 16 15
0.255 0.015* (6.477 0.381)
1 0.130 0.005 (3.302 0.127)
2
3
4
5
6
7
8
9
10
11
12
13
14
0.045 - 0.065 (1.143 - 1.651)
0.065 (1.651) TYP 0.018 0.003 (0.457 0.076)
0.125 (3.175) MIN
0.005 (0.127) MIN
0.100 (2.54) BSC
N28 1098
19
LTC1605-1/LTC1605-2
TYPICAL APPLICATIO
MUX CS MUX DATA
CH0
R/C
BUSY
BYTE
ADC DATA
HI BYTE
Figure 17. This Is the Timing Relationship Between the Selected MUX Channel, Its Conversion Data and the ADC and MUX Control Signals When Using the Sample Program In Listing 1. The Conversion Process Is Latency Free: the Data Is Always Generated Based On the Currently Selected MUX Input
RELATED PARTS
PART NUMBER LT (R) 1019-2.5 LTC1274/LTC1277 LTC1415 LTC1419 LT1460-2.5 LTC1594/LTC1598 LTC1604 LTC1605 DESCRIPTION Precision Bandgap Reference Low Power 12-Bit, 100ksps ADCs Single 5V, 12-Bit, 1.25Msps ADC Low Power 14-Bit, 800ksps ADC Micropower Precision Series Reference Micropower 4-/8-Channel 12-Bit ADCs 16-Bit, 333ksps Sampling ADC Low Power 100ksps 16-Bit ADC COMMENTS 0.05% Max, 5ppm/C Max 10mW Power Dissipation, Parallel/Byte Interface 55mW Power Dissipation, 72dB SINAD True 14-Bit Linearity, 81.5dB SINAD, 150mW Dissipation 0.075% Max, 10ppm/C Max, Only 130A Supply Current Serial I/O, 3V and 5V Versions 2.5V Input, 90dB SINAD, 100dB THD Single 5V, 10V Inputs
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
CH1 CH2 LO BYTE HI BYTE LO BYTE HI BYTE LO BYTE
1605-1/2 F17
DATA 0
DATA 1
160512f LT/TP 0999 4K * PRINTED IN THE USA
(c) LINEAR TECHNOLOGY CORPORATION 1999


▲Up To Search▲   

 
Price & Availability of LTC1605-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X